Part Number Hot Search : 
30452 62H968 AO4813 AO4813 STLC5444 AO4813 S4405 2222A
Product Description
Full Text Search
 

To Download DF20A-10DS-1C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20 series
5.4 Socket DF20A**DS-1C DF20F(G)**DP-1V(56) Pin Header 5.8
Cable
PCB DF20A**DS-1C Socket Cable 6.2 DF20F **DP-1H(59) Pin Header 5.5 PCB
DF20A-**DS-1C Socket DF20F(G)-**DP-1V Pin Header 1
Features
1. Contact Pitch
1 mm contact pitch allows reliable solder and cable termination.
Narrower external width and length
2. Reliable electrical connection wipe
Effective electrical connection is assured with a 1mm wipe of mating contacts.
3. Narrower external width and length
Redesigned metal fittings decreased the overall length of the board- mount receptacle and permit end-to-end mounting of several connectors.
4. Automatic equipment board placement
Straight type pin headers are supplied with a 5.4 mm X 4.6mm flat platform to allow vacuum pick-up and placement on the board.
Metal fitting
5. Product variations
(1) Available with 10, 20, 30, 40, and 50 contacts. (2) Pin headers are available in two types: with or without board positioning bosses. (3) Depending on specific application pin headers can be ordered in straight or right angle types.
DF20F-****SCFA Contact
Applications
Notebook PC, small office automation equipment, small consumer devices, portable devices. Any application requiring low profile reliable board-to-cable connection with a AWG #28, AWG#30, AWG#32 conductors.
1mm Pitch, Double Rows
B266
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHSDouble www.hirose-connectors.com, or contact your Hirose sales representative. DF20 Series1 mm Pitch search at Rows Low Profile Board-to-Cable Connectors
Product Specifications
Rating AWG#28 : 1A Operating temperature range -35C to 85C (Note 1,2) Storage temperature range -10C to 60C (Note 2) AWG#30 : 0.9A AWG#32 : 0.7A Storage humidity range -40% to 70% Rated voltage Operating humidity range -40% to 80% 100V AC Rated current Specifications 500Mo min. 30Mo max. Measured at 100V DC Conduction of 300V AC applied for 1 minute Measure at 100mA. Measured with a steel pin of 0.2 0.005 thickness Frequency of 10 to 55 Hz, single amplitude of 0.75 mm, in 3 directions for 2hours (-55c:30min / 5c to 35c: 2 to 3min / 85c:30min / 5c to 35c:2 to 3min ) for 5 cycles 50 cycles Reflow: At the recommended temperature profile, manual solder: Soldering iron temperature of 300C for 3 seconds Conditions
Item 1.Insulation resistance 3.Contact resistance
2.Withstanding voltage No flashover or insulation breakdown 4.Insertion-Extraction force 0.2 N Min., 2 N Max. 4.(per contact) 5.Vibration 6.Humidity 7.Temperature cycle 9.Resistance to Soldering heat No electrical discontinuity of 1s min. Contact resistance of 30mo max,insulation resistance of 500Mo min. No deformation of the insulator parts that will affect performance
Contact resistance of 30mo max., insulation resistance of 100Mo min. Temperature of 402c, humidity of 90% to 95%, left standing for 96 hours
8.Mechanical operation Contact resistance of 30mo max.
Note1: Includes temperature rise caused by current flow. Note2: The term "storage" refers to products stored for long periods of time prior to mounting and use. Note2: Operating temperature range and Humidity range covers non-conducting conditions of installed connectors in storage, Note2: shipment or transportation. Note3: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and specifications for a specific part number shown.
Materials
Item Socket Socket contact Part Insulator Contact Insulator Pin header Contact Metal Fitting Material Polyamide Phosphor bronze Polyamide Phosphor bronze Brass Finish Color : Beige Gold plating Color : Beige Gold plating Remarks UL94V-0 ---------UL94V-0 ----------
V type: Solder plating H type: Tin-Copper plating (Pb free)
Ordering Information
Connectors
DF20 # - * DS - 1 C
1 2 3 4 5 6 4 Connector type DS: Double-row socket DP: Double-row pin header 5 Contact pitch: 1 mm 6 Type of housing, header 7 C: Crimp housing V: Straight SMT header H: Right angle SMT header
1 Series name : DF20 2 Boss Type Pin header F: Without boss G: With boss Crimp socket: A 3 Number of contacts: 10, 20, 30, 40, 50
Contacts
DF20 F - 2830 SCF A
1 2 3 4 3 Contact & packaging type SCF: Socket contact reel 4 Plating type A: Gold plating
(* *)
5 5 Packaging Specifications Blank: 1 reel = 10,000 pieces 41: 1 reel = 20,000 pieces
1F 2 Applicable wire size 2830: AWG #28 to 30 3032: AWG #30 to 32
B267
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued LowPlease check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. DF20 Series1 mm Pitch Double Rows soon. Profile Board-to-Cable Connectors
Double Row Socket
Contact No. 2 P=1
A B Contact No. *
Contact No. 1
5th contact marking
Contact No. * 5 4.28
Shown with terminated and installed contacts
4.1
Contact No. 1 mark
Part Number DF20A-10DS-1C DF20A-20DS-1C DF20A-30DS-1C DF20A-40DS-1C DF20A-50DS-1C
CL No. 686-0020-3 686-0021-6 686-0022-9 686-0023-1 686-0024-4
Number of Contacts 10 20 30 40 50
A 17.2 12.2 17.2 22.2 27.2
B 14.0 19.0 14.0 19.0 24.0
Unit: mm [Specifications number]-*, (**) RoHS
(59): Gold plating, embossed tape packaging
YES
Note: Sales quantities are by the package unit (containing 100 pieces). Please order by package unit.
Socket Crimp Contacts
Product No. DF20F-2830SCFA(**) DF20F-3032SCFA(**) DF20F-36SCFA(**) CL No. 686-0042-6-** 686-0043-9-** 686-0051-7-** Type of contacts Reel contacts Quantity See specifications number column Plating type Gold plating RoHS YES
[Specifications number] -*, (**) (04): 10,000 pieces / reel (44): 20,000 pieces / reel
0.7
1.45
Applicable Wire (Tin plated solid soft conductor)
Applicable Wire Size (Stranded wire conductor) AWG #28 (7/0.127 mm) AWG #30 (7/0.1 mm) AWG #32 (7/0.08 mm) 0.5mm to 0.6 mm Jacket diameter
3.3 0.9 2 0.5
Recommended wire UL1571
Strip length 1.2 to 1.9 mm
Note: When using other than the recommended wire, contact your nearest Hirose representative.
Applicable Crimping Tools
Type Applicator Press CL No. Product No. 901-4572-6 AP105-DF20-2830S 901-0005-4 CM-105
Note 1: Hirose Electric will not be responsible for any problems caused by use of tools other than specified. Note 2: The manual crimping tool can be also used for cutting-off individual contacts from the reel. Note 3: Customers that already have DF13 Series Hirose's press units and applicators will be able to use them for DF20 Series crimp terminations by replacing of only crimper and anvil. Note4: The crimping tool for the DF20F-3032SCFA can also be used with the DF20F-2830SCFA.
Replacement Parts List for Applicator
Type Insulation crimper Wire crimper Product No. AP105-DF20-2830S(61) AP105-DF20-2830S(62) CL No. 901-4572-6-61 901-4572-6-62 901-4572-6-63
Insulation anvil and wire anvil AP105-DF20-2830S(63)
B268
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHSDouble www.hirose-connectors.com, or contact your Hirose sales representative. DF20 Series1 mm Pitch search at Rows Low Profile Board-to-Cable Connectors
Double Row Straight Pin header
Contact No.3 Contact No.1 P=1
B A Contact No. **-1
Indication of number of contacts Contact No. ** Contact No.2 6.4 0.2 5.4
0.7
O0.5 D C
4.6 1.9
A
0.2
BPCB Footprints
A 0.05 P=10.03 0.60.05 1.8 0.1 0.50.05 0.90.05 0.850.1 Contact No. 1 marking
1.90.05
D0.05
Note 1:Shaded area must be free of any electrically conductive traces to avoid contact with soldered pin header terminations. Note 2: Required only for pin headers supplied with the positioning boss. Part Number
DF20F -10DP-1V(56) DF20F -20DP-1V(56) DF20F -30DP-1V(56) DF20F -40DP-1V(56) DF20F -50DP-1V(56) DF20G-10DP-1V(56) DF20G-20DP-1V(56) DF20G-30DP-1V(56) DF20G-40DP-1V(56) DF20G-50DP-1V(56) CL No. CL686-0032-2-56 CL686-0033-5-56 CL686-0034-8-56 CL686-0035-0-56 CL686-0036-3-56 CL686-0037-6-56 CL686-0038-9-56 CL686-0039-1-56 CL686-0040-0-56 CL686-0041-3-56
7.2 0.1
40.1
O0
No. of contacts
10 20 30 40 50 10 20 30 40 50
Note1: Order embossed tape packaging items by the reel. (1 reel contains 1,000 pieces) Note2: Vacuum pick-up cap are included with embossed tape packaged connectors.
.1 +0 0 .7
Unit: mm
A 14.0 19.0 14.0 19.0 24.0 14.0 19.0 14.0 19.0 24.0
B 17.3 12.3 17.3 22.3 27.3 17.3 12.3 17.3 22.3 27.3
C 16.6 11.6 16.6 21.6 26.6 16.6 11.6 16.6 21.6 26.6
D ---------------15.7 10.7 15.7 20.7 25.7
Remarks
RoHS
Without boss
YES
With boss
[Specifications number]-*, (**) (56): Gold plating, embossed tape packaging
B269
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued LowPlease check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. DF20 Series1 mm Pitch Double Rows soon. Profile Board-to-Cable Connectors
Double Row Right angle Pin header
Contact No.1 Contact No.3 Contact No.**-1
Contact No.1 marking
Contact No.2
B
Contact No.**
5
A
Indication of number of contacts
**
P= 1 A
0.2
6.2
0.2
C
BPCB Footprints
1.4
+0.1 0
2.75 0.05
+0.1 0
2.45
0.6 0.05 P= 1 0.03 A 0.05
0.75 0.1
C 0.1
Note : Shaded area must be free of any electrically conductive traces to avoid contact with soldered pin header terminations.
Unit: mm
Part Number
DF20F -10DP-1H(59) DF20F -20DP-1H(59) DF20F -30DP-1H(59) DF20F -40DP-1H(59)
CL No. 686-0027-2(59) 686-0028-5(59) 686-0029-8(59) 686-0030-7(59)
No. of contacts
10 20 30 40
1.4
+0.1 0
3.8 0.05
A 24.0 29.0 14.0 19.0
B 27.5 12.5 17.5 22.5
C 26.2 11.2 16.2 21.2
Remarks
RoHS
Without boss
YES
[Specifications number]-*, (**) (59): Gold plating, embossed tape packaging
Note:Order embossed tape packaging items by the reel. (1 reel contains 1,000 pieces)
B270
5.5
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHSDouble www.hirose-connectors.com, or contact your Hirose sales representative. DF20 Series1 mm Pitch search at Rows Low Profile Board-to-Cable Connectors
BEmbossed Carrier Tape Dimensions
Straight pin header
O1
4 0.1
.5
+0 0 .1
12 0.1
C 0.1 B 0.1 1.7 +0.15 0 0.20.05
1.75 0.1
2 0.1
R0. 7
5
A 0.3 (0.4)
1.5
+0.1 0
Unreeling direction
(7.9)
Right angle pin header
40.1
.1 +0 0
20.1 120.1
C 0.1 B 0.1 1.7 +0.15 0 0.20.05
1.75 0.1
R0
.75
A 0.3 (0.4)
O1 .5
1.5 +0.1 0
Unreeling direction
(7.4)
Reel dimensions
Part Number
DF20F(G)-10DP-1V(56) DF20F(G)-20DP-1V(56) DF20F(G)-30DP-1V(56) DF20F(G)-40DP-1V(56) DF20F(G)-50DP-1V(56) DF20F - 10DP-1H(59) DF20F - 20DP-1H(59) DF20F - 30DP-1H(59) DF20F - 40DP-1H(59)
No. of Contacts
A 16 24 32 44 44 16 24 32 44
B --------------28.4 40.4 40.4 --------------28.4 40.4
C 17.5 11.5 14.2 20.2 20.2 17.5 11.5 14.2 20.2
D 16.4 24.4 32.4 44.4 44.4 16.4 24.4 32.4 44.4
.2 0
2 0.5 Product name label
10 20 30 40 50 10 20 30 40
O1.5 mm diameter feed hole depth
O21 0.8
2 0.5
D
+2 0
O1 3
O380 2
(O80)
B271
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued LowPlease check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. DF20 Series1 mm Pitch Double Rows soon. Profile Board-to-Cable Connectors
BUsage recommendation
1. Recommended Soldering Temperature Profile for IR Reflow.
Temperature
DF20F-*DP-1H(59)
250 240 220 200
10(s) max
150 60 to 120(s) 100 60(s) max
60
120
180
240
300
Time(S)
Note 1: Up to 2 cycles of reflow soldering are possible under the same conditions, provided that there is a return to normal temperature between the first and second cycle. Note 2: The temperature indicates the board surface temperature at the points of contacts with the connector terminals. 2. Recommended Manual Soldering Conditions Soldering temperature: 290C 10C, Soldering time: within 3 sec. 3. Recommended Solder Screen Thickness 0.15mm 4. Board Warping 5. Cleaning Conditions 6. Wiring Termination Conditions Maximum of 0.03 mm at the connector center section, with both ends of the connector as reference points. Refer to "Nylon Connector Use Handbook." Refer to "Nylon Connector Use Handbook." Crimp contacts should be handled with care as not to cause any deformation or damage affecting the performance or termination. Excessive twisting and pulling on wires during mating/un-mating should be avoided as it may cause damage to connectors.
7. Mating / un-mating precautions
B272


▲Up To Search▲   

 
Price & Availability of DF20A-10DS-1C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X